Part Number Hot Search : 
C2012 23Z108SM ESDU2 HCNW2201 2SD18022 N8051 KCU20A30 SN74L
Product Description
Full Text Search
 

To Download YSF-2151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 the big deal: product overview: YSF-2151+ is an advanced amplifer module in a mini-circuits system in package ? . this module is fully matched to 50 ? in/out impedance and has built-in input & output dc block capacitors. it is enclosed in a 5 x 6 mm mclp plastic package. the YSF-2151+ uses e-phemt technology enabling it to work with a single positive supply voltage. feature advantages superior gain fatness 0.4db the YSF-2151+ provides industry leading gain fatness over the full satellite com - munications l band (900-2150 mhz) making this ideal for use in applications where gain-fatness and repeatability are critical performance requirements. high gain the YSF-2151+ is a two-stage design with internal feedback and bias to provide fat 20 db nominal gain, supporting applications where a single gain block must overcome large system losses such as long cable runs and lossy components. strong combination of performance the YSF-2151+ provides a strong combination of performance parameters including high gain (20 db), high ip3 (+35 dbm) and p1db (+20 dbm) and low noise fgures (2.8 db) that are diffcult to achieve in a single stage design and available only in the ysf amplifer series. integrated matching, dc blocking and bias in small package the YSF-2151+ includes all support circuits including: matching, bias and dc block - ing, all integrated into a single 5x6mm package making the total footprint equal to or smaller than most solutions excellent return loss the YSF-2151+ includes integrated input and output matching and bias circuits to make this amplifer a simple, complete drop-in solution. the matching circuits provide excellent output return loss (20db), and are designed to give optimal p1db and ip3 performance in a 50 ? environment. high reverse isolation with 30 db of reverse isolation C the YSF-2151+ is an ideal gain block for use in integrated systems to minimize vswr interactions resulting from cascading highly refective components, such as sharp flters. YSF-2151+ key features ? mini-circuits system in package flat gain amplifer ? ultra flat gain response: 0.4 db over 900-2150 mhz ? e x c e l l e n t c o m b i n a t i o n o f g a i n , p1db, ip3 and nf ? 50 ? input and output: no external components required case style: dl1020 iso 9001 iso 14001 as 9100 certified min i-cir cuits ? p . o . b ox 3 50166, b r ooklyn, new y ork 1 1 2 3 5-0 003 ( 7 18) 9 3 4-4 500 fax ( 7 1 8 ) 332-4661 the design engi ne ers search engi ne provides actual d ata in stantly a t ? notes: 1. performance and quality attributes and conditions not expr essly stated in this specification sheet ar e intended to be excluded and do not form a part of this specification sheet. 2. electrical specifications and performance data contained her ein ar e based on mini-cir cuit? s applicable established test performance criteria and measur ement instructions. 3. the parts cover ed by this specification sheet ar e subject to mini-cir cuits standar d limited warranty and terms and conditions (collectively , ?standar d t erms?) ; pur chasers of this part ar e entitled to the rights and benefits contained ther ein. for a full statement of the standar d t erms and the exclusive rights and r emedies ther eunder , please visit mini-cir cuits? website at www .minicir cuits.com/mclstor e/terms.jsp. for detailed performance specs & shopping online see web site min icir cuits.c o m if/rf microw a ve components
page 2 product features ? matched 50-ohm surface mount amplifer ? high gain, 20 db typ. at 2 ghz ? up to +20 dbm typ. output power at 2 ghz ? high ip3, +35 dbm at 2 ghz ? low noise figure, 2.8 db typ. at 2 ghz ? high directivity, 30 db isolation ? internal input & output dc block ? separate terminal for dc 0.9-2.15 ghz YSF-2151+ case style: dl1020 price: $2.95 ea. qty. (20) + rohs compliant in accordance with eu directive (2002/95/ec) the +suffx has been added in order to identify rohs compliance. see our web site for rohs compliance methodologies and qualifcations. typical applications ? cellular ? portable wireless ? satellite communications ? receivers & transmitters general description YSF-2151+ is an advanced amplifer module in a mini-circuits system in package ? . this module is fully matched to 50 ? in/out impedance and has built-in input & output dc block capacitors. it is enclosed in a 5 x 6 mm mclp plastic package. the YSF-2151+ uses e-phemt* technology enabling it to work with a single positive supply voltage. simplifed schematic and pad description function pad number description rf-in 5 rf input rf-out 3 rf output dc 4 dc supply gnd paddle connected to ground not used 1,2,6,7,8 no internal connection *enhancement mode pseudomorphic high electron mobility transistor 8 nc 7 nc 6 nc 5 rf in nc 1 nc 2 rf out 3 dc in 4 paddle rf in rf out dc ? mini-circuits system in package flat gain amplifer rev. or m128712 YSF-2151+ 110203 iso 9001 iso 14001 as 9100 certified min i-cir cuits ? p . o . b ox 3 50166, b r ooklyn, new y ork 1 1 2 3 5-0 003 ( 7 18) 9 3 4-4 500 fax ( 7 1 8 ) 332-4661 the design engi ne ers search engi ne provides actual d ata in stantly a t ? notes: 1. performance and quality attributes and conditions not expr essly stated in this specification sheet ar e intended to be excluded and do not form a part of this specification sheet. 2. electrical specifications and performance data contained her ein ar e based on mini-cir cuit? s applicable established test performance criteria and measur ement instructions. 3. the parts cover ed by this specification sheet ar e subject to mini-cir cuits standar d limited warranty and terms and conditions (collectively , ?standar d t erms?) ; pur chasers of this part ar e entitled to the rights and benefits contained ther ein. for a full statement of the standar d t erms and the exclusive rights and r emedies ther eunder , please visit mini-cir cuits? website at www .minicir cuits.com/mclstor e/terms.jsp. for detailed performance specs & shopping online see web site min icir cuits.c o m if/rf microw a ve components
page 3 flat gain amplifer electrical specifcations (1) at 25c, zo=50 ? unless noted YSF-2151+ parameter condition (mhz) min. typ. max. units frequency range 900 2150 mhz gain 900 18.2 20.2 22.2 db 1600 18.0 20.0 22.0 2150 18.0 19.8 22.0 gain flatness 0.4 db input return loss 900 10.0 db 1600 8.0 10.0 2150 11.5 output return loss 900 14.0 db 1600 16.0 22.0 2150 23.0 reverse isolation 30.5 db output power @1 db compression 900 20.0 dbm 1600 20.0 2150 18.0 20.0 output power @3 db compression 21.0 dbm output ip3 900 36.0 dbm 1600 30.0 35.0 2150 35.0 noise figure 900 3.5 db 1600 3.1 4.1 2150 2.6 device operating voltage 5 v device operating current 118 145 ma device current variation vs. temperature (2 ) 2 a/c device current variation vs voltage 0.002 ma/mv thermal resistance, junction-to-ground lead (3) 56 c/w absolute maximum ratings parameter ratings units operating temperature (4) -40 to 85 c storage temperature -65 to 150 c dc voltage on pad 4 7 v power dissipation 1.5 w input power 21 dbm note: permanent damage may occur if any of these limits are exceeded. these ratings are not intended for continuous normal operation. (4) case is defned as ground paddle. (1) measured on mini-circuits characterization test board tb-589+. see characterization test circuit (fig. 1) (2) d (+85c to -45c) (3) thermal resistance= hot spot temperature - ground lead temperature power dissipation dc current histogram 9 0 9 5 10 0 10 5 11 0 11 5 12 0 12 5 13 0 13 5 14 0 14 5 15 0 15 5 dc current (ma) usl usl=upper spec limit iso 9001 iso 14001 as 9100 certified min i-cir cuits ? p . o . b ox 3 50166, b r ooklyn, new y ork 1 1 2 3 5-0 003 ( 7 18) 9 3 4-4 500 fax ( 7 1 8 ) 332-4661 the design engi ne ers search engi ne provides actual d ata in stantly a t ? notes: 1. performance and quality attributes and conditions not expr essly stated in this specification sheet ar e intended to be excluded and do not form a part of this specification sheet. 2. electrical specifications and performance data contained her ein ar e based on mini-cir cuit? s applicable established test performance criteria and measur ement instructions. 3. the parts cover ed by this specification sheet ar e subject to mini-cir cuits standar d limited warranty and terms and conditions (collectively , ?standar d t erms?) ; pur chasers of this part ar e entitled to the rights and benefits contained ther ein. for a full statement of the standar d t erms and the exclusive rights and r emedies ther eunder , please visit mini-cir cuits? website at www .minicir cuits.com/mclstor e/terms.jsp. for detailed performance specs & shopping online see web site min icir cuits.c o m if/rf microw a ve components ?
page 4 flat gain amplifer fig 1 . block diagram of test circuit used for characterization. (dut soldered on mini-circuits characterization test fixture tb-589+) gain, return loss, output power at 1db compression (p1 db), output ip3 (oip3) and noise figure measured using agilents n5242a pna-x microwave network analyzer. conditions: 1. gain: pin= -25dbm 2. output ip3 (oip3): two tones, spaced 1 mhz apart, 0 dbm/tone at output. characterization test circuit recommended application circuit (refer to evaluation board for pcb layout and component values) fig 2. recommended application circuit YSF-2151+ product marking ysf index over pin 1 rf-in rf-out vs (supply voltage) 5 4 3 tb-589+ rf-in rf-out vs 5 4 3 c1 paddle iso 9001 iso 14001 as 9100 certified min i-cir cuits ? p . o . b ox 3 50166, b r ooklyn, new y ork 1 1 2 3 5-0 003 ( 7 18) 9 3 4-4 500 fax ( 7 1 8 ) 332-4661 the design engi ne ers search engi ne provides actual d ata in stantly a t ? notes: 1. performance and quality attributes and conditions not expr essly stated in this specification sheet ar e intended to be excluded and do not form a part of this specification sheet. 2. electrical specifications and performance data contained her ein ar e based on mini-cir cuit? s applicable established test performance criteria and measur ement instructions. 3. the parts cover ed by this specification sheet ar e subject to mini-cir cuits standar d limited warranty and terms and conditions (collectively , ?standar d t erms?) ; pur chasers of this part ar e entitled to the rights and benefits contained ther ein. for a full statement of the standar d t erms and the exclusive rights and r emedies ther eunder , please visit mini-cir cuits? website at www .minicir cuits.com/mclstor e/terms.jsp. for detailed performance specs & shopping online see web site min icir cuits.c o m if/rf microw a ve components ?
page 5 flat gain amplifer YSF-2151+ esd rating human body model (hbm): class 1a in accordance with ansi/esd stm 5.1 - 2001 machine model (mm): class m1 (25v) in accordance with ansi/esd stm5.2-1999 msl rating moisture sensitivity: msl1 in accordance with ipc/jedec j-std-020d attention observe precautions for handling electrostatic sensitive devices additional detailed technical information (additional information is available on our web site. to access this information enter the model number on our web site home page) performance data data table go! swept graphs go! s-parameter (s2p files) data set (.zip fle) go! case style dl1020 plastic package, exposed paddle, lead fnish: tin/silver/nickel go! tape & reel f68 go! standard quantities available on reel 7 reels with 20, 50, 100, 200, 500, or 1k devices. suggested layout for pcb design pl-335 go! evaluation board tb-589-7+ go! environmental ratings env08t1 go! visual inspection electrical test sam analysis refow 3 cycles, 260c soak 85c/85rh 168 hours bake at 125c, 24 hours visual inspection electrical test sam analysis start msl test flow chart iso 9001 iso 14001 as 9100 certified min i-cir cuits ? p . o . b ox 3 50166, b r ooklyn, new y ork 1 1 2 3 5-0 003 ( 7 18) 9 3 4-4 500 fax ( 7 1 8 ) 332-4661 the design engi ne ers search engi ne provides actual d ata in stantly a t ? notes: 1. performance and quality attributes and conditions not expr essly stated in this specification sheet ar e intended to be excluded and do not form a part of this specification sheet. 2. electrical specifications and performance data contained her ein ar e based on mini-cir cuit? s applicable established test performance criteria and measur ement instructions. 3. the parts cover ed by this specification sheet ar e subject to mini-cir cuits standar d limited warranty and terms and conditions (collectively , ?standar d t erms?) ; pur chasers of this part ar e entitled to the rights and benefits contained ther ein. for a full statement of the standar d t erms and the exclusive rights and r emedies ther eunder , please visit mini-cir cuits? website at www .minicir cuits.com/mclstor e/terms.jsp. for detailed performance specs & shopping online see web site min icir cuits.c o m if/rf microw a ve components ?


▲Up To Search▲   

 
Price & Availability of YSF-2151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X